Part Number Hot Search : 
CM35B AP4502 1N5996B L6388 1203S ADP3020 T04MT 1MD03
Product Description
Full Text Search
 

To Download A1725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1725
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4511) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1725 -80 -80 -6 -6 -3 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SA1725 -10max -10max -80min 50min -0.5max 20typ 150typ V MHz pF
13.0min
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-80V VEB=-6V IC=-25mA VCE=-4V, IC=-2A IC=-2A, IB=-0.2A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
Unit
A
16.90.3
V
8.40.2
A
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
www..com sTypical Switching Characteristics (Common Emitter)
VCC (V) -30 RL () 10 IC (A) -3 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -0.3 IB2 (A) 0.3 ton (s) 0.18typ tstg (s) 1.10typ tf (s) 0.21typ
2.54
3.9 BCE
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) -6
-2 m 00 A
- 0 15 mA
VCE( s a t ) - I B Characteristics (Typical)
-3
IC - V BE Temperature Characteristics (Typical)
-6 (V CE= -4V)
-1 00 m
A
-5 Collector Current I C( A)
-8 0m A
Collector Current I C( A)
-4
-50mA
-2
-4
-3
-30mA
p)
Tem
se
(Ca
se T
-2
-1 IC=-6A -4A -2A 0 0 -0.5 -1.0 -1.5
-2
C
I B= -10mA
-1
125
(Ca
0
0
-1
-2
-3
-4
0
0
-0.5
-30C
25C
(Cas
-1
e Te
-20mA
emp
mp)
)
-1.5
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
Base-Emittor Voltage V B E( V)
(V C E= -4V) 300 D C Cur r ent Gai n h F E DC C urrent G ain h FE 300 125C 25C 100 -30C
(V C E= -4V)
j- a( C/W)
h FE - IC Characteristics (Typical)
h FE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
5
Typ
100
Transient Thermal Resistance
1
50
50
30 -0.02
-0.1
-0.5
-1
-5 -6
30 -0.02
0.5 0.4 1 10 100 Time t(ms) 1000 2000
-0.1
-0.5
-1
-5 -6
Collector Current I C( A)
Collector Current I C( A)
f T - IE Characteristics (Typical)
(V C E= -12V) 30 -20 -10
Safe Operating Area (Single Pulse)
30
P c - T a Derating
Typ
Cut -off Fre quen cy f T( MH Z) -5 20 Collecto r Cur ren t I C( A)
100ms
DC
m
s
M aximum Po wer Dissipat io n P C( W)
10
W ith
20
In fin ite he
-1 -0.5
at si nk
10
10
Without Heatsink Natural Cooling -0.1 0 0.02 -0.05 -3
Without Heatsink 2 -5 -10 -50 -100 0
0.05 0.1
0.5
1
56
0
25
50
75
100
125
150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
30


▲Up To Search▲   

 
Price & Availability of A1725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X